Part Number Hot Search : 
5236B L0730 CS5524 STD670S 7533C 27T102C ZE002 3DD101E
Product Description
Full Text Search
 

To Download SST39WF800A-90-4C-B3KE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 8 Mbit (x16) Multi-Purpose Flash
SST39WF800A
SST39WF800A1.8V 8Mb (x16) MPF memory
Data Sheet
FEATURES:
* Organized as 512K x16 * Single Voltage Read and Write Operations - 1.65-1.95V * Superior Reliability - Endurance: 100,000 Cycles (typical) - Greater than 100 years Data Retention * Low Power Consumption (typical values at 5 MHz) - Active Current: 5 mA (typical) - Standby Current: 5 A (typical) * Sector-Erase Capability - Uniform 2 KWord sectors * Block-Erase Capability - Uniform 32 KWord blocks * Fast Read Access Time - 90 ns * Latched Address and Data * Fast Erase and Word-Program - Sector-Erase Time: 36 ms (typical) - Block-Erase Time: 36 ms (typical) - Chip-Erase Time: 140 ms (typical) - Word-Program Time: 28 s (typical) * Automatic Write Timing - Internal VPP Generation * End-of-Write Detection - Toggle Bit - Data# Polling * CMOS I/O Compatibility * JEDEC Standard - Flash EEPROM Pinouts and command sets * Packages Available - 48-ball TFBGA (6mm x 8mm) - 48-ball WFBGA (4mm x 6mm) Micro-Package - 48-ball WFBGA (5mm x 6mm) Micro-Package - 48-ball XFLGA (5mm x 6mm) Micro-Package * All non-Pb (lead-free) devices are RoHS compliant
PRODUCT DESCRIPTION
The SST39WF800A device is a 512K x16 CMOS MultiPurpose Flash (MPF) manufactured with SST's proprietary, high performance CMOS SuperFlash technology. The split-gate cell design and thick-oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. The SST39WF800A writes (Program or Erase) with a 1.65-1.95V power supply. This device conforms to JEDEC standard pin assignments for x16 memories. Featuring high-performance Word-Program, the SST39WF800A device provides a typical Word-Program time of 28 sec. The device uses Toggle Bit or Data# Polling to detect the completion of the Program or Erase operation. To protect against inadvertent writes, it has on-chip hardware and software data protection schemes. Designed, manufactured, and tested for a wide spectrum of applications, this device is offered with a guaranteed typical endurance of 100,000 cycles. Data retention is rated at greater than 100 years. The SST39WF800A device is suited for applications that require convenient and economical updating of program, configuration, or data memory. For all system applications, it significantly improves performance and reliability, while lowering power consumption. It inherently uses less energy
(c)2006 Silicon Storage Technology, Inc. S71258-06-000 07/07 1
during Erase and Program than alternative flash technologies. When programming a flash device, the total energy consumed is a function of the applied voltage, current, and time of application. Since for any given voltage range, the SuperFlash technology uses less current to program and has a shorter erase time, the total energy consumed during any Erase or Program operation is less than alternative flash technologies. These devices also improve flexibility while lowering the cost for program, data, and configuration storage applications. The SuperFlash technology provides fixed Erase and Program times, independent of the number of Erase/Program cycles that have occurred. Therefore the system software or hardware does not have to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Program times increase with accumulated Erase/Program cycles. To meet surface mount requirements, the SST39WF800A is offered in a 48-ball TFBGA package and a 48-ball MicroPackage. See Figure 3 and Figure 2 for pin assignments.
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc. MPF is a trademark of Silicon Storage Technology, Inc. These specifications are subject to change without notice.
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
Device Operation
Commands are used to initiate the memory operation functions of the device. Commands are written to the device using standard microprocessor write sequences. A command is written by asserting WE# low while keeping CE# low. The address bus is latched on the falling edge of WE# or CE#, whichever occurs last. The data bus is latched on the rising edge of WE# or CE#, whichever occurs first.
Sector/Block-Erase Operation
The Sector- (or Block-) Erase operation allows the system to erase the device on a sector-by-sector (or block-byblock) basis. The SST39WF800A offers both Sector-Erase and Block-Erase mode. The sector architecture is based on uniform sector size of 2 KWord. The Block-Erase mode is based on uniform block size of 32 KWord. The SectorErase operation is initiated by executing a six-byte command sequence with Sector-Erase command (30H) and sector address (SA) in the last bus cycle. The Block-Erase operation is initiated by executing a six-byte command sequence with Block-Erase command (50H) and block address (BA) in the last bus cycle. The sector or block address is latched on the falling edge of the sixth WE# pulse, while the command (30H or 50H) is latched on the rising edge of the sixth WE# pulse. The internal Erase operation begins after the sixth WE# pulse. The End-ofErase operation can be determined using either Data# Polling or Toggle Bit methods. See Figures 10 and 11 for timing waveforms. Any commands issued during the Sector- or Block-Erase operation are ignored.
Read
The Read operation of the SST39WF800A is controlled by CE# and OE#, both have to be low for the system to obtain data from the outputs. CE# is used for device selection. When CE# is high, the chip is deselected and only standby power is consumed. OE# is the output control and is used to gate data from the output pins. The data bus is in high impedance state when either CE# or OE# is high. Refer to the Read cycle timing diagram for further details (Figure 4).
Word-Program Operation
The SST39WF800A is programmed on a word-by-word basis. Before programming, the sector where the word exists must be fully erased. The Program operation is accomplished in three steps. The first step is the three-byte load sequence for Software Data Protection. The second step is to load word address and word data. During the Word-Program operation, the addresses are latched on the falling edge of either CE# or WE#, whichever occurs last. The data is latched on the rising edge of either CE# or WE#, whichever occurs first. The third step is the internal Program operation which is initiated after the rising edge of the fourth WE# or CE#, whichever occurs first. The Program operation, once initiated, will be completed within 40 s. See Figures 5 and 6 for WE# and CE# controlled Program operation timing diagrams and Figure 17 for flowcharts. During the Program operation, the only valid reads are Data# Polling and Toggle Bit. During the internal Program operation, the host is free to perform additional tasks. Any commands issued during the internal Program operation are ignored.
Chip-Erase Operation
The SST39WF800A provides a Chip-Erase operation, which allows the user to erase the entire memory array to the `1' state. This is useful when the entire device must be quickly erased. The Chip-Erase operation is initiated by executing a sixbyte command sequence with Chip-Erase command (10H) at address 5555H in the last byte sequence. The Erase operation begins with the rising edge of the sixth WE# or CE#, whichever occurs first. During the Erase operation, the only valid read is Toggle Bit or Data# Polling. See Table 4 for the command sequence, Figure 9 for timing diagram, and Figure 20 for the flowchart. Any commands issued during the Chip-Erase operation are ignored.
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
2
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
Write Operation Status Detection
The SST39WF800A provides two software means to detect the completion of a write (Program or Erase) cycle, in order to optimize the system write cycle time. The software detection includes two status bits: Data# Polling (DQ7) and Toggle Bit (DQ6). The End-of-Write detection mode is enabled after the rising edge of WE#, which initiates the internal Program or Erase operation. The actual completion of the nonvolatile Write is asynchronous with the system; therefore, either a Data# Polling or Toggle Bit read may be simultaneous with the completion of the Write cycle. If this occurs, the system may possibly get an erroneous result, i.e., valid data may appear to conflict with either DQ7 or DQ6. In order to prevent spurious rejection, if an erroneous result occurs, the software routine should include a loop to read the accessed location an additional two (2) times. If both Reads are valid, then the device has completed the Write cycle, otherwise the rejection is valid.
Data Protection
The SST39WF800A provides both hardware and software features to protect nonvolatile data from inadvertent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# or CE# pulse of less than 5 ns will not initiate a write cycle. VDD Power Up/Down Detection: The Write operation is inhibited when VDD is less than 1.0V. Write Inhibit Mode: Forcing OE# low, CE# high, or WE# high will inhibit the Write operation. This prevents inadvertent writes during power-up or power-down.
Software Data Protection (SDP)
The SST39WF800A provides the JEDEC approved Software Data Protection scheme for all data alteration operations, i.e., Program and Erase. Any Program operation requires the inclusion of the three-byte sequence. The three-byte load sequence is used to initiate the Program operation, providing optimal protection from inadvertent Write operations, e.g., during the system power-up or power-down. Any Erase operation requires the inclusion of six-byte sequence. This group of devices are shipped with the Software Data Protection permanently enabled. See Table 4 for the specific software command codes. During SDP command sequence, invalid commands will abort the device to Read mode within TRC. The contents of DQ15DQ8 can be VIL or VIH, but no other value, during any SDP command sequence.
Data# Polling (DQ7)
When the SST39WF800A is in the internal Program operation, any attempt to read DQ7 will produce the complement of the true data. Once the Program operation is completed, DQ7 will produce true data. Note that even though DQ7 may have valid data immediately following the completion of an internal Write operation, the remaining data outputs may still be invalid: valid data on the entire data bus will appear in subsequent successive Read cycles after an interval of 1 s. During internal Erase operation, any attempt to read DQ7 will produce a `0'. Once the internal Erase operation is completed, DQ7 will produce a `1'. The Data# Polling is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Data# Polling is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 7 for Data# Polling timing diagram and Figure 18 for a flowchart.
Common Flash Memory Interface (CFI)
The SST39WF800A also contains the CFI information to describe the characteristics of the device. In order to enter the CFI Query mode, the system must write three-byte sequence, same as Software ID Entry command with 98H (CFI Query command) to address 5555H in the last byte sequence. See Figure 11 for the timing diagram. Once the device enters the CFI Query mode, the system can read CFI data at the addresses given in Tables 5 through 7. The system must write the CFI Exit command to return to Read mode from the CFI Query mode.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any consecutive attempts to read DQ6 will produce alternating 1s and 0s, i.e., toggling between 1 and 0. When the internal Program or Erase operation is completed, the DQ6 bit will stop toggling. The device is then ready for the next operation. The Toggle Bit is valid after the rising edge of fourth WE# (or CE#) pulse for Program operation. For Sector-, Block- or Chip-Erase, the Toggle Bit is valid after the rising edge of sixth WE# (or CE#) pulse. See Figure 8 for Toggle Bit timing diagram and Figure 18 for a flowchart.
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
3
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
Product Identification
The Product Identification mode identifies the devices as the SST39WF800A and manufacturer as SST. This mode may be accessed by software operations. Users may use the Software Product Identification operation to identify the part (i.e., using the device ID) when using multiple manufacturers in the same socket. For details, see Table 4 for software operation, Figure 12 for the Software ID Entry and Read timing diagram, and Figure 19 for the Software ID Entry command sequence flowchart. TABLE 1: Product Identification Table
Address Manufacturer's ID Device ID SST39WF800A 0001H 273FH
T1.0 1258
Product Identification Mode Exit/ CFI Mode Exit
In order to return to the standard Read mode, the Software Product Identification mode must be exited. Exit is accomplished by issuing the Software ID Exit command sequence, which returns the device to the Read mode. This command may also be used to reset the device to the Read mode after any inadvertent transient condition that apparently causes the device to behave abnormally, e.g., not read correctly. Please note that the Software ID Exit/ CFI Exit command is ignored during an internal Program or Erase operation. See Table 4 for software command codes, Figure 14 for timing waveform, and Figure 19 for a flowchart.
Data 00BFH
0000H
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
4
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
X-Decoder
SuperFlash Memory
Memory Address
Address Buffer & Latches Y-Decoder
CE# OE# WE# DQ15 - DQ0
1258 B1.0
Control Logic
I/O Buffers and Data Latches
FIGURE 1: Functional Block Diagram
TOP VIEW (balls facing down)
SST39WF800A
6
A2 A4 A3 A5 A6 A7 A18 A17 NC NC NC WE# NC NC A9 A10 A8 A11 A13 A12 A14 A15
5
A1
4
A0
3
CE# DQ8 DQ10 OE# DQ9 NC NC DQ4 DQ11 A16 DQ5 DQ6 DQ7
1258 48-wfbga M2Q P020
2
VSS
1
DQ0 DQ1 DQ2 DQ3 VDD DQ12 DQ13 DQ14 DQ15 VSS
A
B
C
D
E
F
G
H
J
K
L
FIGURE 2: Pin Assignments for 48-Ball WFBGA and 48-Ball XFLGA
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
5
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
TOP VIEW (balls facing down)
SST39WF800A
6
A13 A12 A14 A15 A16 A8 NC NC A17 A4
5
A9
NC DQ15 VSS
A10 A11 DQ7 DQ14 DQ13 DQ6 NC A18 A6 A2 NC DQ5 DQ12 VDD DQ4
1258 48-tfbga P01.0
4
WE#
3
NC
NC DQ2 DQ10 DQ11 DQ3 A5 A1 DQ0 DQ8 DQ9 DQ1 A0 CE# OE# VSS
2
A7
1
A3
A
B
C
D
E
F
G
H
FIGURE 3: Pin Assignments for 48-ball TFBGA TABLE 2: Pin Description
Symbol AMS1-A0 DQ15-DQ0 Pin Name Address Inputs Data Input/output Functions To provide memory addresses. During Sector-Erase AMS-A11 address lines will select the sector. During Block-Erase AMS-A15 address lines will select the block. To output data during Read cycles and receive input data during Write cycles. Data is internally latched during a Write cycle. The outputs are in tri-state when OE# or CE# is high. To activate the device when CE# is low. To gate the data output buffers. To control the Write operations. To provide power supply voltage: Unconnected pins.
T2.0 1258
CE# OE# WE# VDD VSS NC
Chip Enable Output Enable Write Enable Power Supply Ground No Connection
1.65-1.95V for SST39WF800A
1. AMS = Most significant address AMS = A18 for SST39WF800A
TABLE 3: Operation Modes Selection
Mode Read Program Erase Standby Write Inhibit Product Identification Software Mode VIL VIL VIH See Table 4
T3.0 1258
CE# VIL VIL VIL VIH X X
OE# VIL VIH VIH X VIL X
WE# VIH VIL VIL X X VIH
DQ DOUT DIN X1 High Z High Z/ DOUT High Z/ DOUT
Address AIN AIN Sector or Block address, XXH for Chip-Erase X X X
1. X can be VIL or VIH, but no other value.
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
6
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet TABLE 4: Software Command Sequence
Command Sequence Word-Program Sector-Erase Block-Erase Chip-Erase CFI Query Entry5 Software ID CFI Exit Exit7/ 1st Bus Write Cycle Addr1 5555H 5555H 5555H 5555H 5555H XXH 5555H Data2 AAH AAH AAH AAH AAH AAH F0H AAH 2AAAH 55H 5555H F0H
T4.0 1258
2nd Bus Write Cycle Addr1 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH 2AAAH Data2 55H 55H 55H 55H 55H 55H
3rd Bus Write Cycle Addr1 5555H 5555H 5555H 5555H 5555H 5555H Data2 A0H 80H 80H 80H 90H 98H
4th Bus Write Cycle Addr1 WA3 5555H 5555H 5555H Data2 Data AAH AAH AAH
5th Bus Write Cycle Addr1 2AAAH 2AAAH 2AAAH Data2 55H 55H 55H
6th Bus Write Cycle Addr1 SAX4 BAX
4
Data2 30H 50H 10H
5555H
Software ID Entry5,6 5555H
Software ID Exit7/ CFI Exit
1. Address format A14-A0 (Hex), Addresses AMS-A15 can be VIL or VIH, but no other value, for the Command sequence. AMS = Most significant address AMS = A18 for SST39WF800A 2. DQ15-DQ8 can be VIL or VIH, but no other value, for the Command sequence 3. WA = Program word address 4. SAX for Sector-Erase; uses AMS-A11 address lines BAX for Block-Erase; uses AMS-A15 address lines 5. The device does not remain in Software Product ID mode if powered down. 6. With AMS-A1 = 0; SST Manufacturer's ID = 00BFH, is read with A0 = 0, SST39WF800A Device ID = 273FH, is read with A0 = 1. 7. Both Software ID Exit operations are equivalent
TABLE 5: CFI Query Identification String1 for SST39WF800A
Address 10H 11H 12H 13H 14H 15H 16H 17H 18H 19H 1AH Data 0051H 0052H 0059H 0001H 0007H 0000H 0000H 0000H 0000H 0000H 0000H Data Query Unique ASCII string "QRY"
Primary OEM command set Address for Primary Extended Table Alternate OEM command set (00H = none exists) Address for Alternate OEM extended Table (00H = none exits)
T5.0 1258
1. Refer to CFI publication 100 for more details.
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
7
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet TABLE 6: System Interface Information for SST39WF800A
Address 1BH 1CH 1DH 1EH 1FH 20H 21H 22H 23H 24H 25H 26H Data 0016H 0020H 0000H 0000H 0005H 0000H 0005H 0007H 0001H 0000H 0001H 0001H Data VDD Min (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VDD Max (Program/Erase) DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts VPP min (00H = no VPP pin) VPP max (00H = no VPP pin) Typical time out for Word-Program 2N s (25 = 32 s) Typical time out for min size buffer program 2N s (00H = not supported) Typical time out for individual Sector/Block-Erase 2N ms (25 = 32 ms) Typical time out for Chip-Erase 2N ms (27 = 128 ms) Maximum time out for Word-Program 2N times typical (21 x 25 = 64 s) Maximum time out for buffer program 2N times typical Maximum time out for individual Sector/Block-Erase 2N times typical (21 x 25 = 64 ms) Maximum time out for Chip-Erase 2N times typical (21 x 27 = 256 ms)
T6.0 1258
TABLE 7: Device Geometry Information for SST39WF800A
Address 27H 28H 29H 2AH 2BH 2CH 2DH 2EH 2FH 30H 31H 32H 33H 34H Data 0014H 0001H 0000H 0000H 0000H 0002H 00FFH 0000H 0010H 0000H 000FH 0000H 0000H 0001H Data Device size = 2N Byte (14H = 20; 220 = 1 MByte) Flash Device Interface description; 0001H = x16-only asynchronous interface Maximum number of byte in multi-byte write = 2N (00H = not supported) Number of Erase Sector/Block sizes supported by device Sector Information (y + 1 = Number of sectors; z x 256B = sector size) y = 255 + 1 = 256 sectors (00FFH = 255) z = 16 x 256 Bytes = 4 KByte/sector (0010H = 16) Block Information (y + 1 = Number of blocks; z x 256B = block size) y = 15 + 1 = 16 blocks (000FH = 15) z = 256 x 256 Bytes = 64 KByte/block (0100H = 256)
T7.0 1258
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
8
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet Absolute Maximum Stress Ratings (Applied conditions greater than those listed under "Absolute Maximum Stress Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.) Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55C to +125C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65C to +150C D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -2.0V to VDD+2.0V Voltage on A9 Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 11V Package Power Dissipation Capability (TA = 25C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W Surface Mount Solder Reflow Temperature1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260C for 10 seconds Output Short Circuit Current2 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Excluding certain with-Pb 32-PLCC units, all packages are 260C capable in both non-Pb and with-Pb solder versions. Certain with-Pb 32-PLCC package types are capable of 240C for 10 seconds; please consult the factory for the latest information. 2. Outputs shorted for no more than one second. No more than one output shorted at a time.
Operating Range
Range Commercial Industrial Ambient Temp 0C to +70C -40C to +85C VDD 1.65-1.95V 1.65-1.95V
AC Conditions of Test
Input Rise/Fall Time . . . . . . . . . . . . . . 5 ns Output Load . . . . . . . . . . . . . . . . . . . . CL = 30 pF See Figures 15 and 16
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
9
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet TABLE 8: DC Operating Characteristics, VDD = 1.65-1.95V1
Limits Symbol IDD Parameter Power Supply Current Read Program and Erase ISB ILI ILO VIL VIH VOL VOH Standby VDD Current2 Input Leakage Current Output Leakage Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage VDD-0.1 0.8VDD 0.1 15 20 20 1 1 0.2VDD V V V mA mA A A A Min Max Units Test Conditions Address input=VILT/VIHT, at f=5 MHz, VDD=VDD Max CE#=VIL, OE#=WE#=VIH, all I/Os open CE#=WE#=VIL, OE#=VIH CE#=VDD, VDD=VDD Max VIN=GND to VDD, VDD=VDD Max VOUT=GND to VDD, VDD=VDD Max VDD=VDD Min VDD=VDD Max IOL=100 A, VDD=VDD Min IOH=-100 A, VDD=VDD Min
T8.0 1258
1. Typical conditions for the Active Current shown on the front page of the data sheet are average values at 25C (room temperature), and VDD = 1.8V. Not 100% tested. 2. 20 A is the maximum ISB for all SST39WF800A commercial grade devices. 30 A is the maximum ISB for all 39WF800A industrial grade devices. For all SST39WF800A commercial and industrial devices, ISB typical is under 5 A.
TABLE 9: Recommended System Power-up Timings
Symbol TPU-READ1 TPU-WRITE
1
Parameter Power-up to Read Operation Power-up to Program/Erase Operation
Minimum 100 100
Units s s
T9.0 1258
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 10: Capacitance (TA = 25C, f=1 MHz, other pins open)
Parameter CI/O
1
Description I/O Pin Capacitance Input Capacitance
Test Condition VI/O = 0V VIN = 0V
Maximum 12 pF 6 pF
T10.0 1258
CIN1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 11: Reliability Characteristics
Symbol NEND1,2 TDR1 ILTH1 Parameter Endurance Data Retention Latch Up Minimum Specification 10,000 100 100 + IDD Units Cycles Years mA Test Method JEDEC Standard A117 JEDEC Standard A103 JEDEC Standard 78
T11.0 1258
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter. 2. NEND endurance rating is qualified as a 10,000 cycle minimum for the whole device. A sector- or block-level rating would result in a higher minimum specification.
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
10
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
AC CHARACTERISTICS
TABLE 12: Read Cycle Timing Parameters
Symbol TRC TCE TAA TOE TCLZ1 TOLZ1 TCHZ1 TOHZ1 TOH1 Parameter Read Cycle Time Chip Enable Access Time Address Access Time Output Enable Access Time CE# Low to Active Output OE# Low to Active Output CE# High to High-Z Output OE# High to High-Z Output Output Hold from Address Change 0 0 0 40 40 Min 90 90 90 50 Max Units ns ns ns ns ns ns ns ns ns
T12.0 1258
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 13: Program/Erase Cycle Timing Parameters
Symbol TBP TAS TAH TCS TCH TOES TOEH TCP TWP TWPH1 TCPH1 TDS TDH TSE TBE TSCE
1
Parameter Word-Program Time Address Setup Time Address Hold Time WE# and CE# Setup Time WE# and CE# Hold Time OE# High Setup Time OE# High Hold Time CE# Pulse Width WE# Pulse Width WE# Pulse Width High CE# Pulse Width High Data Setup Time Data Hold Time Software ID Access and Exit Time Sector-Erase Block-Erase Chip-Erase
Min 0 50 0 0 0 10 50 50 30 30 50 0
Max 40
Units s ns ns ns ns ns ns ns ns ns ns ns ns
TIDA1
150 50 50 200
ns ms ms ms
T13.0 1258
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
11
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
TRC ADDRESS AMS-0 TCE CE# TOE OE# VIH WE# TCLZ DQ15-0 HIGH-Z TOLZ
TAA
TOHZ
TOH DATA VALID
TCHZ DATA VALID HIGH-Z
1258 F03.0
Note: AMS = Most significant address AMS = A18 for SST39WF800A
FIGURE 4: Read Cycle Timing Diagram
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TWP WE# TAS OE# TCH CE# TCS DQ15-0 XXAA SW0 XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA) TWPH TDS 2AAA 5555 ADDR TDH
1258 F04.0
Note: AMS = Most significant address AMS = A18 for SST39WF800A X can be VIL or VIH, but no other value.
FIGURE 5: WE# Controlled Program Cycle Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
12
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
INTERNAL PROGRAM OPERATION STARTS TBP ADDRESS AMS-0 5555 TAH TCP CE# TAS OE# TCH WE# TCS DQ15-0 XXAA SW0 XX55 SW1 XXA0 SW2 DATA WORD (ADDR/DATA) TCPH TDS 2AAA 5555 ADDR TDH
1258 F05.0
Note: AMS = Most significant address AMS = A18 for SST39WF800A X can be VIL or VIH, but no other value.
FIGURE 6: CE# Controlled Program Cycle Timing Diagram
ADDRESS AMS-0 TCE CE# TOEH OE# TOE WE# TOES
DQ7
DATA
DATA#
DATA#
DATA
1258 F06.0
Note: AMS = Most significant address AMS = A18 for SST39WF800A
FIGURE 7: Data# Polling Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
13
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
ADDRESS AMS-0 TCE CE# TOEH TOE OE# TOES
WE#
DQ6
TWO READ CYCLES WITH SAME OUTPUTS
1258 F07.0
Note: AMS = Most significant address AMS = A18 for SST39WF800A
FIGURE 8: Toggle Bit Timing Diagram
SIX-BYTE CODE FOR CHIP-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA 5555
TSCE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX10 SW5
1258 F08.0
Note: This device also supports CE# controlled Chip-Erase operation The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 13) AMS = Most significant address AMS = A18 for SST39WF800A X can be VIL or VIH, but no other value.
FIGURE 9: WE# Controlled Chip-Erase Timing Diagram
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
14
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
SIX-BYTE CODE FOR BLOCK-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA BAX
TBE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX50 SW5
1258 F09.0
Note: This device also supports CE# controlled Block-Erase operation The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 13) AMS = Most significant address AMS = A18 for SST39WF800A X can be VIL or VIH, but no other value.
FIGURE 10: WE# Controlled Block-Erase Timing Diagram
SIX-BYTE CODE FOR SECTOR-ERASE ADDRESS AMS-0 5555 2AAA 5555 5555 2AAA SAX
TSE
CE#
OE# TWP WE#
DQ15-0
XXAA SW0
XX55 SW1
XX80 SW2
XXAA SW3
XX55 SW4
XX30 SW5
1258 F10.0
Note: This device also supports CE# controlled Sector-Erase operation The WE# and CE# signals are interchangeable as long as minimum timings are met. (See Table 13) AMS = Most significant address AMS = A18 for SST39WF800A X can be VIL or VIH, but no other value.
FIGURE 11: WE# Controlled Sector-Erase Timing Diagram
(c)2006 Silicon Storage Technology, Inc. S71258-06-000 07/07
15
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
THREE-BYTE SEQUENCE FOR SOFTWARE ID ENTRY ADDRESS A14-0 5555 2AAA 5555 0000 0001
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX90 SW2 TAA 00BF Device ID
1258 F11.0
TIDA
Note: Device ID = 273FH for SST39WF800A X can be VIL or VIH, but no other value.
FIGURE 12: Software ID Entry and Read
THREE-BYTE SEQUENCE FOR SST CFI QUERY ENTRY ADDRESS A14-0 5555 2AAA 5555
CE#
OE# TWP WE# TWPH DQ15-0 XXAA SW0 XX55 SW1 XX98 SW2
1258 F12.1
TIDA
TAA
Note: X can be VIL or VIH, but no other value.
FIGURE 13: SST CFI Query Entry and Read
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
16
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
THREE-BYTE SEQUENCE FOR SOFTWARE ID EXIT AND RESET
ADDRESS A14-0
5555
2AAA
5555
DQ15-0
XXAA
XX55
XXF0 TIDA
CE#
OE# TWP WE# TWHP SW0 SW1 SW2
1258 F13.0
Note: X can be VIL or VIH, but no other value.
FIGURE 14: Software ID Exit/CFI Exit
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
17
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
VIHT
INPUT
VIT
REFERENCE POINTS
VOT
OUTPUT
VILT
1258 F14.0
AC test inputs are driven at VIHT (VDD) for a logic `1' and VILT (VSS) for a logic `0'. Measurement reference points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times are (10% 90%) <5 ns.
Note: VIT - VINPUT Test VOT - VOUTPUT Test VIHT - VINPUT HIGH Test VILT - VINPUT LOW Test
FIGURE 15: AC Input/Output Reference Waveforms
VDD TO TESTER 25K
TO DUT CL
1258 F15.0
25K
FIGURE 16: A Test Load Example
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
18
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
Start
Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XXA0H Address: 5555H
Load Word Address/Word Data
Wait for end of Program (TBP, Data# Polling bit, or Toggle bit operation) Program Completed
Note:
X can be VIL or VIH, but no other value.
1258 F16.0
FIGURE 17: Word-Program Algorithm
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
19
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
Internal Timer Program/Erase Initiated
Toggle Bit Program/Erase Initiated
Data# Polling Program/Erase Initiated
Wait TBP, TSCE, TSE or TBE
Read word
Read DQ7
Program/Erase Completed
Read same word
No
Is DQ7 = true data? Yes
No
Does DQ6 match? Yes Program/Erase Completed
Program/Erase Completed
1258 F17.0
FIGURE 18: Wait Options
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
20
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
CFI Query Entry Command Sequence
Software ID Entry Command Sequence
Software ID Exit/CFI Exit Command Sequence
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXF0H Address: XXH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Wait TIDA
Load data: XX98H Address: 5555H
Load data: XX90H Address: 5555H
Load data: XXF0H Address: 5555H
Return to normal operation
Wait TIDA
Wait TIDA
Wait TIDA
Read CFI data
Read Software ID
Return to normal operation
1258 F18.0
Note:
X can be VIL or VIH, but no other value.
FIGURE 19: Software ID/CFI Command Flowcharts
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
21
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
Chip-Erase Command Sequence Load data: XXAAH Address: 5555H
Sector-Erase Command Sequence Load data: XXAAH Address: 5555H
Block-Erase Command Sequence Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX80H Address: 5555H
Load data: XX80H Address: 5555H
Load data: XX80H Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XXAAH Address: 5555H
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX55H Address: 2AAAH
Load data: XX10H Address: 5555H
Load data: XX30H Address: SAX
Load data: XX50H Address: BAX
Wait TSCE
Wait TSE
Wait TBE
Chip erased to FFFFH
Sector erased to FFFFH
Block erased to FFFFH
Note:
X can be VIL or VIH, but no other value.
1258 F19.0
FIGURE 20: Erase Command Sequence
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
22
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
PRODUCT ORDERING INFORMATION
SST 39 WF 800A XX XX XXXX 90 XX 4C XX - B3K - XXX E X Environmental Attribute E1 = non-Pb Package Modifier K = 48 balls Q = 48 balls (66 possible positions) Package Type B3 = TFBGA (0.8mm pitch, 6mm x 8mm) M2 = WFBGA (0.5mm pitch, 5mm x 6mm) C2 = XFLGA (0.5mm pitch, 5mm x 6mm) Y1 = WFBGA (0.5mm pitch, 4mm x 6mm) Temperature Range C = Commercial = 0C to +70C I = Industrial = -40C to +85C Minimum Endurance 4 = 10,000 cycles Read Access Speed 90 = 90 ns Device Density 800 = 8 Mbit Voltage W = 1.65-1.95V Product Series 39 = Multi-Purpose Flash
1. Environmental suffix "E" denotes non-Pb solder. SST non-Pb solder devices are "RoHS Compliant".
Valid combinations for SST39WF800A SST39WF800A-90-4C-B3KE SST39WF800A-90-4I-B3KE SST39WF800A-90-4C-Y1QE SST39WF800A-90-4I-Y1QE
Note: Valid combinations are those products in mass production or will be in mass production. Consult your SST sales representative to confirm availability of valid combinations and to determine availability of new combinations.
SST39WF800A-90-4C-M2QE SST39WF800A-90-4I-M2QE
SST39WF800A-90-4C-C2QE SST39WF800A-90-4I-C2QE
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
23
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
PACKAGING DIAGRAMS
TOP VIEW
8.00 0.20
BOTTOM VIEW
5.60 0.80 0.45 0.05 (48X)
6 5 4 3 2 1
0.80 ABCDEFGH A1 CORNER HGFEDCBA 4.00 6.00 0.20
6 5 4 3 2 1
SIDE VIEW
1.10 0.10
A1 CORNER
SEATING PLANE 0.35 0.05
0.12
1mm
Note:
1. Complies with JEDEC Publication 95, MO-210, variant 'AB-1', although some dimensions may be more stringent. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.12 mm 4. Ball opening size is 0.38 mm ( 0.05 mm) 48-tfbga-B3K-6x8-450mic-4
FIGURE 21: 48-Ball Thin-Profile, Fine-Pitch Ball Grid Array (TFBGA) 6mm x 8mm SST Package Code: B3K
TOP VIEW
6.00 0.08
BOTTOM VIEW
5.00 0.50
6 5 4 3 2 1
0.29 0.05 (48X)
6 5 4 3 2 1
5.00 0.08
2.50
0.50
ABCDEFGHJKL LKJHGFEDCBA
A1 CORNER
A1 INDICATOR4
0.52 max. 0.473 nom.
DETAIL
SIDE VIEW
0.08
SEATING PLANE
0.04 + 0.025/ - 0.015
1mm
Note: 1. Although many dimensions are similar to those of JEDEC Publication 95, MO-222, this specific package is not registered. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.08 mm 48-xflga-C2Q-5x6-29mic-NR 4. No bump is present in position A1; a gold-colored indicator is present.
FIGURE 22: 48-Ball Extremely Thin-Profile, Fine-Pitch Land Grid Array (XFLGA) 5mm x 6mm SST Package Code: C2Q
(c)2006 Silicon Storage Technology, Inc. S71258-06-000 07/07
24
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
TOP VIEW
6.00 0.08
BOTTOM VIEW
5.00 0.50
6 5 4 3 2 1
0.32 0.05 (48X)
6 5 4 3 2 1
5.00 0.08
2.50
0.50
ABCDEFGHJKL LKJHGFEDCBA
A1 CORNER
A1 INDICATOR4
0.63 0.10
DETAIL
SIDE VIEW
0.08
SEATING PLANE
0.20 0.06 Note:
1mm
1. Although many dimensions are similar to those of JEDEC Publication 95, MO-225, this specific package is not registered. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.08 mm 4. No ball is present in position A1; a gold-colored indicator is present. 48-wfbga-M2Q-5x6-32mic-0 5. Ball opening size is 0.29 mm ( 0.05 mm)
FIGURE 23: 48-Ball Very-Very-Thin-Profile, Fine-Pitch Ball Grid Array (WFBGA) 5mm x 6mm SST Package Code: M2Q
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
25
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
TOP VIEW
6.00 0.08
BOTTOM VIEW
5.00 0.50 0.32 0.05 (48X)
6 5 4 3 2 1 ABCDEFGHJKL A1 CORNER
4.00 0.08
2.50
6 5 4 3 2 1 LKJHGFEDCBA A1 INDICATOR
4
0.50
DETAIL
0.61 0.10
SIDE VIEW
0.08
SEATING PLANE
0.23 0.06 Note: 1. Complies with JEDEC Publication 95, MO-207, variant CZB-4, dimensions except nominal ball width is larger. 2. All linear dimensions are in millimeters. 3. Coplanarity: 0.08 mm 4. No ball is present in position A1; a gold-colored indicator is present. 5. Ball width at interface to package body surface is 0.29 mm.
48-wfbga-Y1Q-4x6-320mic-5-2.0 1mm
FIGURE 24: 48-Ball Very-Very-Thin-Profile, Fine-Pitch Ball Grid Array (WFBGA) 4mm x 6mm SST Package Code: Y1Q
(c)2006 Silicon Storage Technology, Inc.
S71258-06-000
07/07
26
8 Mbit Multi-Purpose Flash SST39WF800A
Data Sheet
TABLE 14: Revision History
Number 00 01 Description Date Aug 2004 Nov 2004
* * * * * * *
Initial release Corrected Standby Current from 1 A to 5 A on page 1 Added M2Q package and associated MPNs Clarified Surface Mount Temperatures in "Absolute Maximum Stress Ratings" on page 9 Changed data sheet status from "Preliminary Specifications" to "Data Sheet" Added RoHS compliance information on page 1 and in the "Product Ordering Information" on page 23 Corrected the solder temperature profile in "Absolute Maximum Stress Ratings" on page 9 Added C2Q package information and relevant marketing part numbers. Removed Pb-based package marketing part numbers from valid ordering list on page 23. Applied new style format. In Figure 20 title, changed XFBGA (6mm x 8mm) to XFLGA (5mm x 6mm) Changed package C2 size from 6mm x 8mm to 5mm x 6mm in Product Ordering Information on page 23. Added Y1QE package information
02
Mar 2005
03
* * *
Feb 2006
04 05 06
* * *
Jun 2006 Jul 2006 Jul 2007
Silicon Storage Technology, Inc. * 1171 Sonora Court * Sunnyvale, CA 94086 * Telephone 408-735-9110 * Fax 408-735-9036 www.SuperFlash.com or www.sst.com
(c)2006 Silicon Storage Technology, Inc. S71258-06-000 07/07
27


▲Up To Search▲   

 
Price & Availability of SST39WF800A-90-4C-B3KE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X